PART |
Description |
Maker |
HM1-6516_883 HM1-6516B_883 HM4-6516B_883 HM-6516_8 |
DIE SET 50MMSQ 2K x 8 CMOS RAM
|
INTERSIL[Intersil Corporation]
|
0-0519035-4 0-0519115-4 0-0519152-6 0-0519037-4 4- |
DIE SET IPT-VW WIRE CRIMP 25 SQMM
|
TE Connectivity Ltd
|
408-8737 |
The die assembly consists of an indenter die and nest die. Each die is held in the tool by a single screw
|
Tyco Electronics
|
9-0744506-3 C-1-528041-5 |
DIE SET SHIELD CRIMP)HVP800 90DEG. 25 SQMM
|
TE Connectivity Ltd
|
FQAF33N10 |
100V N-Channel MOSFET(漏源电压00V的N沟道增强型MOSFET) 25.8 A, 100 V, 0.052 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
TLE5009A16 |
Available as single die and dual die with separate supplies for each die
|
Infineon Technologies A...
|
SMC7.3683J100K37TR12 |
Film, Metallized PPS, Commercial Grade, SMC/F125, 0.068 uF, 5%, 100 V, 63 V, 100C, 2824, 4.5mm
|
Kemet Corporation
|
IRFW540 IRFW540A IRFI540A IRFWI540A IRFW540ATM |
Advanced Power MOSFET 28 A, 100 V, 0.052 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA 100V N-Channel A-FET N-CHANNEL POWER MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
HUF76107P3 |
20A, 30V, 0.052 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs 20A 30V 0.052 Ohm N-Channel Logic Level UltraFET Power MOSFETs
|
FAIRCHILD[Fairchild Semiconductor]
|
CR05BS-8-ET23 CR05BS-8 CR05BS-8-ET13 |
Smartcard RTC; ultra low power oscillator with integrated counter for initiating one time password generation, Uncased die, Die In Waffle Carriers 晶闸管低功率的用 16-bit Fm I2C-bus 100 mA 40 V LED driver, SOT487-1 (TSSOP32), Reel Pack, SMD, 13" 晶闸管低功率的用 8-channel constant current LED driver with output error detection, SOT403-1 (TSSOP16), Reel Pack, SMD, 13" 16-bit Fm I2C-bus 100 mA 40 V LED driver, SOT487-1 (TSSOP32), Reel Pack, SMD, 13" Thyristor Low Power Use
|
Renesas Electronics, Corp. Renesas Electronics Corporation. RENESAS[Renesas Electronics Corporation]
|
LXT9763 |
Fast Ethernet 10/100 Hex Teansceiver with Full MII
|
Level One
|